PART |
Description |
Maker |
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NVF3055-100T1G |
Power MOSFET 3.0 Amps, 60 Volts
|
ON Semiconductor
|
NTD15N06 NTD15N06T4 NTD15N06-1 NTD15N06-001 |
Power MOSFET 15 Amps, 60 Volts Power MOSFET 15 Amps / 60 Volts
|
ONSEMI[ON Semiconductor]
|
MTD5P06VT4 MTD5P06VT4G |
Power MOSFET 5 Amps, 60 Volts
|
ON Semiconductor
|
|